Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 30Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 31Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 32Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 33Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 34Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
Data Sheet
34
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
6.2.3
Long-term undervoltage detection on VCC
If VCC < VCC_UV for more than the glitch filter time tVCC_filter, then the undervoltage detection timer is started. If
tVCC_UV_T has expired, then a long-term undervoltage is detected and the bit VCC_LTUV is set to “1”. Besides, if
the SPI bit STTS_EN = 1 (default value) AND if tSilence has expired, then a state transition to Sleep WUP Sub-
Mode is triggered. If VCC > VCC_UV for more than the glitch filter time tVCC_filter, then the timer tVCC_UV_T is stopped
and reset. Only an SPI command can reset the undervoltage bit VCC_LTUV. The tVCC_UV_T can be configured in
the SPI register SUPPLY_CTRL.
Figure 28
VCC long-term undervoltage detection after power up
Figure 29
VCC long-term undervoltage detection during operation
6.2.4
Short-term Undervoltage detection on VIO
If the power supply VIO < VIO_UV for more than the glitch filter time tVIO_filter, then short-term undervoltage on VIO
is detected. The glitch filter prevents an undervoltage detection due to short voltage transients on VIO. On
detection of short-term undervoltage the TLE9255W performs the following actions:
VCC
t
VCC_UV
Status Bit:
VCC_LTUV
„1"
POR
Mode
(SPI Bit STTS = 1)
Stand-by Mode
tVCC_UV_T
„0"
VBAT is in the functional range
tVCC_filter
POR
Stand-by Mode
Sleep WUP Sub-Mode1
1) State transition will be performed if the tSilence timer has expired (no CAN bus communication)
VIO and VBAT are within the functional range
VCC
t
VCC_UV
Status Bit
VCC_LTUV:
tVCC_filter
„0"
„1"
tVCC_UV_T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com