Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 68 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 68 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 64Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 65Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 66Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 67Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 68Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 69Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 70Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 71Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
Data Sheet
68
Rev. 1.02 2018-02-02
TLE9255W
General Product Characteristics
9
General Product Characteristics
9.1
Absolute Maximum Ratings
Table 5
Absolute Maximum Ratings1)
All voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Voltages
Battery supply voltage
VBAT
-0.3
–
40
V
–
P_9.1.1
Transmitter supply voltage
VCC
-0.3
–
6.0
V
–
P_9.1.2
Digital voltage reference
VIO
-0.3
–
6.0
V
–
P_9.1.3
CANH DC voltage versus GND VCANH
-40
–
40
V
–
P_9.1.4
CANL DC voltage versus GND VCANL
-40
–
40
V
–
P_9.1.5
Differential voltage between
CANH and CANL
VCAN_DIFF
-40
–
40
V
–
P_9.1.6
Voltage at pin WAKE
VWAKE
-27
–
40
V
–
P_9.1.7
Voltage at pin INH
VINH
-0.3
–
VBAT +0
.3
V–
P_9.1.8
Voltage at pin digital input
pins: CSN, SCLK, MOSI, TxD
VMax_In
-0.3
–
VIO +
0.3
V–
P_9.1.9
Voltage at pin digital output
pins: MISO, RxD
VMax_Out
-0.3
–
VIO +
0.3
V–
P_9.1.10
Currents
Maximum output current on
INH
IINH_Max
-1.0
–
–
mA
–
P_9.1.11
Maximum output current on
digital output pins: MISO, RxD
IOut_Max
-20
–
20
mA
–
P_9.1.12
Temperatures
Junction Temperature
Tj
-40
–
150
°C
–
P_9.1.13
Storage Temperature
Tstg
-55
–
150
°C
–
P_9.1.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com