Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Data Sheet
45
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
7.6
Selective wake SPI flags
7.6.1
SysErr Flag
The SysErr flag in the register SWK_STAT indicates an error condition in the selective wake unit of the
TLE9255W. Only if the SPI bit SWK_EN = 1, then the SysErr flag is set . The SysErr flag does not prevent entering
the Sleep Mode by an SPI command. However, the SysErr flag determines, whether the TLE9255W enters the
Selective Wake Sub-Mode (SysErr = 0) or Sleep WUP Mode (SysErr = 1). Figure 41 shows this scenario.
Figure 41
Impact of SysErr flag if a mode change SPI command to Sleep Mode has been sent
The SysErr flag is set under any of the following conditions:
• Selective wake configuration error is detected (see Chapter 7.4).
• The frame error counter value is greater than 31.
Only if no configuration error (CFG_VAL = 1) exists AND if the error counter is less than 32, then the TLE9255W
resets the SysErr flag.
7.6.2
SYNC Flag
The SYNC flag in the register SWK_STAT indicates that a classical CAN frame is detected correctly by the
selective wake unit. The SYNC flag works, if all of the following conditions are fulfilled:
• Selective Wake is enabled (SWK_EN Bit = 1)
• After Power on Reset the configuration is confirmed (CFG_VAL Bit = 1) at least once.
Change into the Sleep
Mode by a SPI command
Tranceiver perfom the
following actions:
- CFG_VAL will be cleared
- Switch to the Stand by
Mode
- Inhibit will be switch on if
configured.
Check
SYSERR
Enter Sleep WUP
Sub-Mode
Enter Selective Wake
Sub-Mode
WUF detected
WUF Flag will be set
WUP detected
WUP Flag will be set
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com