Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 82Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 83Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 84Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 85Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
Data Sheet
82
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.4.3
Dynamic Transceiver Parameter
Table 15
Propagation Delay
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Propagation Delay Characteristic
Propagation delay,
TxD to RxD
tLoop
80
160
255
ns
CL = 100 pF,
CRxD =15 pF; (see
Figure 48)
P_10.4.30
Propagation delay,
increased load,
TxD to RxD
tLoop_150
80
–
330
ns
CL = 100 pF,
CRxD =15 pF,
RL = 150 Ω; (see
Figure 48)
P_10.4.31
Propagation delay,
TxD to bus
(“low” to dominant)
td(L),T
30
85
140
ns
CL = 100 pF,
CRxD =15 pF; (see
Figure 48)
P_10.4.32
Propagation delay,
TxD to bus
(“high” to recessive)
td(H),T
30
90
140
ns
CL = 100 pF,
CRxD =15 pF; (see
Figure 48)
P_10.4.33
Propagation delay,
bus to RxD
(dominant to “low”)
td(L),R
30
75
140
ns
CRxD =15 pF;
(see Figure 48)
P_10.4.34
Propagation delay,
bus to RxD
(recessive to “high”)
td(H),R
30
105
140
ns
CRxD =15 pF;
(see Figure 48)
P_10.4.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com