Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 79 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 79 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 75Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 76Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 82Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 83Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
Data Sheet
79
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.4
Transmitter and Receiver
10.4.1
Transmitter
Table 13
Transmitter
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.
Bus Transmitter
CANH, CANL recessive
output voltage
VCANL/H
2.0
2.5
3.0
V
Normal-operating
Mode,
Receive-only Mode,
Selective Wake Sub-
Mode;
P_10.4.1
CANH, CANL recessive
output voltage difference
VDiff_R_NM =
VCANH - VCANL
-500
-
50
mV
VTxD = VIO,
no load;
P_10.4.2
CANH dominant output
voltage
Normal-operating Mode
VCANH
2.75
–
4.5
V
VTxD =0 V,
50 Ω < RL <65 Ω;
P_10.4.3
CANL dominant output
voltage
Normal-operating Mode
VCANL
0.5
–
2.25
V
VTxD =0 V,
50 Ω < RL <65 Ω;
P_10.4.4
CANH dominant output
voltage difference:
VDiff_D = VCANH - VCANL
Normal-operating Mode
VDiff_D
1.5
2.0
3.0
V
VTxD =0 V,
50 Ω < RL <65 Ω;
P_10.4.5
CANH dominant output
voltage difference
extended bus load
VDiff_D = VCANH - VCANL
Normal-operating Mode
VDiff_D_EXT_BL 1.4
–
3.3
V
VTxD =0 V,
RL =45 Ω < RL <70 Ω
P_10.4.6
CANH, CANL dominant
output voltage difference
high extended bus load
Normal-operating mode
VDiff = VCANH - VCANL
VDiff_D_HEXT_BL 1.5
–
5.0
V
VTxD =0 V,
RL = 2240 Ω1);
P_10.4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com