Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 12Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 13Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 14Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 15Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 16Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 17Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 18Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 19Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
Data Sheet
16
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
Conditions for entering the Stand-by Mode:
• After Power on Reset: If VCC OR VBAT is within the functional range for at least tPON, then the TLE9255W enters
Stand-by Mode.
• If a wake-up (WUP, WUF, LWU) is detected in Sleep Mode, then the TLE9255W enters Stand-by Mode.
• If the selective wake unit is active (Selective wake Sub-Mode) AND if the value of the error counter is 32 (see
Chapter 7.3),
then the TLE9255W enters Stand-by Mode.
• Stand-by Mode can be entered via an SPI MC command from any mode of operation.
Conditions for leaving the Stand-by Mode:
•If VIO < VIO_UV AND tVIO_UV_T has expired AND tsilence has expired, then this triggers a mode change to Sleep
Mode.
•If VCC < VCC_UV AND tVCC_UV_T has expired AND tsilence has expired, then this triggers a mode change to Sleep
Mode.
• An SPI MC command triggers a mode change.
Figure 7 shows possible mode changes.
Figure 7
Mode changes in Stand-by Mode
Stand-by Mode
Sleep Mode
Any Mode
Any Mode
Power on Reset
Sleep Mode
Wake-up event
OR ECNT > 31
VBAT OR VCC is in the
functional range for at least
tPON
SPI MC
command
SPI MC
command
VCC undervoltage
AND
tVCC_UV_T expired
AND
tSilence expired
VIO undervoltage
AND
tVIO_UV_T expired
AND
tSilence expired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com