Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 76Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 82Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 83Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Data Sheet
80
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
CANH, CANL recessive
output voltage
Sleep WUP Sub-Mode,
Selective sleep Sub-Mode
VCANL_H
-0.1
–
0.1
V
no load;
P_10.4.10
CANH, CANL recessive
output voltage difference
Sleep WUP Sub-Mode,
Selective sleep Sub-Mode
VDiff_SLP
-0.2
–
0.2
V
no load;
P_10.4.11
Driver symmetry
VSYM = VCANH + VCANL
VSYM
0.9 x
VCC
1.0 x
VCC
1.1 x
VCC
V
Split termination,
RL = 60 Ohm,
C = 4.7 nF,
1)2)
P_10.4.12
CANH short circuit current
ICANHSC
115
-
-115
mA -3 =< VCAN =< 18 V,
t< TXD_TO,
VTxD =0 V;
P_10.4.13
CANL short circuit current
ICANLSC
-115
-
115
mA -3 =< VCAN =< 18 V,
t< TXD_TO,
VTxD =0 V;
P_10.4.14
Leakage current CANH
ICANH_Ik
-5
–
5
µA
VCC= VIO= VBAT=0V3),
0V< VCANH <5 V;
VCANH = VCANL;
P_10.4.16
Leakage current CANL
ICANL_Ik
-5
–
5
µA
VCC= VIO= VBAT=0 V3),
0V< VCANL <5 V;
VCANH = VCANL;
P_10.4.17
1) Not subject to production test, specified by design
2) VSYM shall be observed during dominant and recessive state and also during the transition from dominant to recessive
and vice versa, while TxD is stimulated by a square wave signal with a frequency of 62,5 kHz (125 kbit/s), 125 kHz (250
kbit/s), 250 kHz (500 kbit/s), 500 kHz (1 Mbit/s), 1 MHz (2 Mbit/s), 2,5 MHz (5 Mbit/s)
3) Additional requirement VIO = VCC connected via 47 kΩ to GND
Table 13
Transmitter (cont’d)
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com