Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 3Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 4Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 5Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 6Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 7Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 8Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 9Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 10Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
Data Sheet
7
Rev. 1.02 2018-02-02
TLE9255W
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration for PG-DSO-14 and PG-TSON-14
3.2
Pin Definitions
Table 1
Pin definitions and functions
Pin
Symbol
Function
1TxD
Transmit Data Input;
integrated pull-up current source to VIO,
“low” to drive a dominant signal on CANH and CANL
2GND
Ground.
3
VCC
Transmitter Supply Voltage;
100 nF decoupling capacitor to GND is recommended
TxD
CSN
MOSI
1
2
3
4
13
12
11
GND
VCC
RxD
CANH
CANL
1
2
3
4
14
13
12
11
(Top-side x-ray view)
PAD
5
6
7
10
9
8
SCLK
5
6
7
10
9
8
VIO
MISO
INH
VBAT
WAKE
14
TxD
GND
VCC
RxD
VIO
MISO
INH
CSN
CANH
CANL
MOSI
VBAT
WAKE
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com