Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 90Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 91Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 92Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 93Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 94Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 95Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 96Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 97Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Data Sheet
94
Rev. 1.02 2018-02-02
TLE9255W
Application Information
11.2
Application Example
Figure 53
Application circuit
example ECU design
VBAT
TLE9255W
VCC
CANH
CANL
GND
SCN
TxD
RxD
Microcontroller
e.g. AURIX
TC29X
VCC
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22 uF
EN
Q2
VIO
22 uF
100 nF
optional:
common mode choke
CANH
CANL
120
Ohm
120
Ohm
CANH
CANL
MOSI
MISO
SCLK
Out
Out
In
WAKE
INH
VBAT
TLE9255W
VCC
CANH
CANL
GND
SCN
TxD
RxD
13
12
1
4
2
3
Microcontroller
e.g. AURIX
TC29X
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22 uF
EN
Q2
VIO
22 uF
100 nF
5
optional:
common mode choke
11
MOSI
MISO
SCLK
Out
Out
In
WAKE
INH
VBAT
6
7
8
9
10
14
13
12
1
4
2
35
11
6
7
8
10
14
3.3k
Ohm
1k
Ohm
10 nF
10 nF
9
3.3k
Ohm
1k
Ohm
10 nF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com