Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 54Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
Data Sheet
51
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8.6
CSN Timeout
The CSN timeout (tCSN_TO) prevents the SPI communication from disturbance. After the CSN pin of the
TLE9255W is set to “low” (start of the SPI communication and tCSN_TO) the communication must be finished
and the CSN pin must be set to “high” within tCSN_TO. If the tCSN_TO timeout occurs, then the TLE9255W sets the
MISO pin to high impedance. If the CSN pin is set to “high”, then the tCSN_TO is reset. Figure 45 shows this
scenario.
Figure 45
CSN Timeout
8.7
SPI Register
The following figure gives an overview of the SPI register.
15 14 13
tCSN_TO starts
MISO
CSN
SCLK
time
time
time
tCSN_TO occures
High impedance
15 14 13
tCSN_TO starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com