Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 6Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 7Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 8Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 9Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 10Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 11Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 12Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 13Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Data Sheet
10
Rev. 1.02 2018-02-02
TLE9255W
High Speed CAN Functional Description
The TLE9255W is a HS CAN transceiver operating as an interface between the CAN controller and the physical
bus medium. A HS CAN network is a two wire, differential network which allows data transmission rates up to
5 MBit/s. HS CAN networks have two signal states on the CAN bus (see Figure 3):
•dominant
•recessive
The CANH and CANL pins are the interface to the CAN bus and operate both as an input and as an output. The
RxD and TxD pins are the interface to the microcontroller. The TxD pin is the serial data input from the CAN
controller. The RxD pin is the serial data output to the CAN controller. The HS CAN transceiver TLE9255W
includes a receiver and a transmitter unit, allowing the transceiver to send data to the bus medium and
monitoring the data from the bus medium at the same time (see Figure 1). The TLE9255W converts the serial
data stream, which is available on the transmit data input TxD, to a differential output signal on the CAN bus,
provided by the CANH and CANL pins. The receiver stage of the TLE9255W monitors the data on the CAN bus
and converts it to a serial, single-ended signal on the RxD output pin. A “low” signal on the TxD pin creates a
dominant signal on the CAN bus, followed by a “low” signal on the RxD pin (see Figure 3). The feature of
broadcasting data to the CAN bus and listening to the data traffic on the CAN bus simultaneously is essential
to support the bit-to-bit arbitration within CAN networks.
ISO 11898-2 (2016) defines the voltage levels for HS CAN transceivers. Whether a data bit is dominant or
recessive depends on the voltage difference between the CANH and CANL pins:
VDiff = VCANH - VCANL
To transmit a dominant signal to the CAN bus the amplitude of the differential signal VDiff is ≥ 1.5 V. To receive
a recessive signal from the CAN bus the amplitude of the differential VDiff is ≤ 0.5 V.
Partially supplied High-Speed CAN networks have CAN bus nodes with different power supply conditions.
Some nodes are connected to the common power supply, while other nodes are disconnected from the power
supply and in power-down state. Regardless of whether the CAN bus subscriber is supplied or not, each
subscriber connected to the common bus media must not interfere with the communication. The TLE9255W
is designed to support Partially supplied networks. In power-down state, the receiver input resistors are
switched off and the transceiver input has a high resistance.
For permanently supplied ECUs, the TLE9255W provides low power modes. In these low power modes, the
current consumption of the TLE9255W is optimized to a minimum, while the TLE9255W can still recognize
wake-up patterns or wake-up frames on the CAN bus and signal the wake-up event to the external
microcontroller.
The voltage level on the digital input TxD and the digital output RxD is determined by the reference supply
level at the VIO pin. Depending on the voltage level at the VIO pin, the signal levels on the logic pins (CSN, SCLK,
MOSI, MISO, TxD and RxD) are compatible to microcontrollers having a 5 V or 3.3 V I/O supply. It is highly
recommended that the digital power supply of VIO of the transceiver is connected to the I/O power supply of
the microcontroller; this is the way it is intended to be used (see Figure 53).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com