Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 33Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 34Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
Data Sheet
37
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
Figure 33
VIO long-term undervoltage detection during operation
6.3
Unconnected Logic Pins
If the input pins are not connected and floating, the integrated pull-up and pull-down resistors at the digital
input pins force the TLE9255W into fail safe behavior (see Table 3).
Table 3
Logical Inputs when unconnected
Input Signal
Default State
Comment
TxD
“high”
pull-up current source to VIO
MOSI
“low”
pull-down current source to GND
SCLK
“low”
pull-down current source to GND
CSN
“high”
pull-up current source to VIO
VIO
t
VIO_UV
Status Bit:
VIO_UV
„1"
POR
Mode
Stand-by Mode
VBAT OR VCC is in the functional range
tVIO_UV_T
„0"
Sleep WUP Sub-Mode1
tVIO_filter
1) State transition will be performed if the tSilence timer has expired (no CAN bus communication)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com