Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 74 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 74 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 70Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 71Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 72Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 73Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 74Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 75Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 76Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
Data Sheet
74
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
VBAT supply current
IBAT_SLP
–
12.0
20.0
µA
VCC = VIO =0 V,
bus biasing = GND,
INH = not
connected,
5.5 V < VBAT <18 V,
-40°C < TJ < 125°C;
P_10.2.35
VCC supply current
ICC_SLP
–
0.3
5.0
µA
CSN, TxD= VIO,
MOSI, SCLK = GND,
VBAT = 12 V;
P_10.2.12
VIO supply current
IIO_SLP
–
2.0
5.0
µA
CSN, TxD= VIO,
MOSI, SCLK = GND;
P_10.2.13
Table 9
Current Consumption (cont’d)
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com