Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 73Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 74Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 75Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 76Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
Data Sheet
77
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.2.3
INH Output
10.3
CAN Controller Interface
Table 11
INH Output
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Analog Output INH
Output voltage INH enabled VINH
VBAT -
0.8
––
V
IINH =-0.2mA,
Normal-operating
Mode
Receive-only Mode
Stand-by Mode;
P_10.2.33
Absolute leakage current
IINH_Leak
–5.0
–
–
µA
VINH =0V,
Sleep Mode;
P_10.2.34
Table 12
CAN Controller Interface
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; tBit(min) = 500 ns; tBit(Flash) = 200 ns;
-40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Receiver Output RxD
“high” level output current IRxD_H
–
-1.8
-1.0
mA
VRxD = VIO -0.4 V,
VDiff <0.5V;
P_10.3.1
“low” level output current
IRxD_L
1.0
1.8
–
mA
VRxD =0.4 V,
VDiff >0.9V;
P_10.3.2
RxD toggling time after
wake-up event
tToggle
6
-
14
ms
see Chapter 5.8.2
P_10.3.6
Transmitter Input TxD
“high” level input voltage
threshold
VTxD_H
–0.5 x
VIO
0.7 x
VIO
V
recessive state;
P_10.3.7
“low” level input voltage
threshold
VTxD_L
0.3 x
VIO
0.4 x
VIO
-V
dominant state;
P_10.3.8
“high” level input current
ITxD_H
-2.0
–
2.0
µA
VTxD = VIO;
P_10.3.10
“low” level input current
ITxD_L
-220
–
-20.0
µA
VTxD =0 V;
P_10.3.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com