Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Data Sheet
47
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8
Serial Peripheral Interface
The communication between the microcontroller and the transceiver is implemented via Serial Peripheral
Interface (SPI). This communication is configured as a full duplex multi slave data transfer. A valid SPI
command consists of 16 bits.
Only if VIO>VIO_UV AND if VBAT OR VCC is within the functional range, then SPI communication between the
microcontroller and the transceiver can be established. The SPI uses four interface signals for synchronization
and data transfer:
• CSN: SPI chip select (active low)
•SCLK: SPI clock
• MOSI: SPI data input
• MISO: SPI data output
Figure 42 shows the SPI data transfer.
Figure 42
SPI Data Transfer
The SPI command transmission cycle begins when the transceiver is selected by the CSN pin (active low).
When the signal of the CSN input pin returns from “low” to “high”, the TLE9255W decodes the data that was
shifted in on the MOSI. The data of MOSI and MISO is shifted in and out (MSB comes first) on every rising edge
of SCLK. The bit sampling is performed on every falling edge of SCLK. If the CSN input pin is “high”, then the
MISO pin has a high impedance. The SPI of the transceiver does not support TLE9255W daisy chaining.
The MISO pin signals invalid SPI commands (Chapter 8.5) or SPI failures (Chapter 8.4). If an invalid SPI
15
15
14 13 12 11 10 9
8
7
6
5
0
14
CSN high to low: MISO is enabled (low impedance).
Status information transferred to output shift register
CSN low to high: data from shift register is transferred to output functions
Data will be
shifted in
Actual status
4
3
2
1
Actual data
New data
New status
MISO
MOSI
CSN
SCLK
time
time
time
Min. CSN high-time to
be ensured
15 14 13 12 11 10 9
8
7
6
5
0
4
3
2
1
15 14
Data will be
shifted out
Bit sampling will
be performed
Bit sampling will
be performed
Err
Err



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com