Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 27Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 28Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 29Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 30Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 31Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 32Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 33Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 34Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 100 page
background image
Data Sheet
31
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
6
Fail Safe Functions
6.1
Short Circuit Protection
The CANH and CANL bus pins are proven to cope with a short circuit fault to GND and to the supply voltages.
A current limiting circuit protects the transceiver from damage.
6.2
Undervoltage detection
The TLE9255W has independent undervoltage detection on VBAT, VCC and VIO. Undervoltage events at these
pins may have impact on the functionality of the device and also may change the mode of operation.
6.2.1
Undervoltage detection on VBAT
If the power supply VBAT < VBAT_UV for more than the glitch filter time tVBAT_filter, then an undervoltage is detected.
On detection of undervoltage the TLE9255W performs the following actions:
• disable Local wake-up
• Set the bit VBAT_UV in the SPI register TRANS_UV_STAT to “1”. After the completion of a Power on Reset
or after a transition from Sleep Mode to Stand-by Mode the VBAT supply stabilization period must be
completed before an undervoltage notification can be recorded in the VBAT_UV bit. The undervoltage
notification is only possible once the VBAT supply has exceeded the threshold VBAT_UV, that is VBAT > VBAT_UV.
Figure 25 shows this scenario.
Only an SPI command can reset the undervoltage bit VBAT_UV (see Chapter 8.2). The glitch filter is
implemented in order to prevent an undervoltage detection due to short voltage transients on VBAT. Figure 24
shows the effect of glitch filter time in different undervoltage scenarios.
Figure 24
Undervoltage detection VBAT
VIO and VCC are within the functional range
VBAT
t
„0"
VBAT_UV
tVBAT_filter
Status Bit:
VBAT_UV
tVBAT_filter
„1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com