Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 63Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 64Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 65Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 66Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 67Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 68Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 69Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 70Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Data Sheet
67
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
SWK_STAT
Selective Wake Status
(1CH)
ResetValue:0002H
76
54
32
10
Reserved
SysErr
SYNC
CANTO
CANSIL
SWK_ACTIVE
w1c
r
r
w1c
r
r
Field
Bits
Type
Description
Reserved
7:5
w1c
Reserved
SysErr
4r
System Error
0B
, No System Error detected
1B
, System Error detected
SYNC
3r
Synchronisation of the Selective Wake Unit
0B
, SWK Unit is not synchronous to the CAN bit stream
1B
, SWK Unit is synchronous to the CAN bit stream
CANTO
2w1c
CAN Timeout
0B
, Transceiver has not entered the Selective Sleep Sub-Mode
1B
, Transceiver has entered the Selective Sleep Sub-Mode at least
once in Sleep Mode
CANSIL
1r
CAN Silence
0B
, Transceiver is not in the Selective Sleep Mode
1B
, Transceiver is in the Selective Sleep Mode (No CAN bus
communication)
SWK_ACTIVE
0r
Selective Wake
0B
, Transceiver is not in the Selective Wake Mode
1B
, Transceiver is in the Selective Wake Mode
SWK_ECNT_STAT
Error Counter Status
(1DH)
ResetValue:0000H
76
54
32
10
Reserved
ECNT
rr
Field
Bits
Type
Description
Reserved
7:6
r
Reserved
ECNT
5:0
r
Error Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com