Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 23Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 24Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 25Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 26Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 27Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 28Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 29Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 30Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
Data Sheet
27
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
The WUP bit in the register WAKE_STAT indicates detection of a wake-up pattern on the HS CAN bus. If the
transceiver is not in the Selective Sleep Sub-Mode AND if the transceiver detects a valid wake-up pattern, then
the WUP bit is set. An SPI clear command resets the bit. A wake-up is not executed under the following
conditions:
• A mode change to Normal-operating Mode is performed during the wake-up pattern.
• The maximum wake-up time tWAKE expires before a valid WUP is detected.
• The transceiver is powered down (VCC < VCC_POD AND VBAT < VBAT_POD).
5.7.2
Wake-up frame (WUF)
If the selective wake unit is enabled (SWK_EN =1), then the selective wake unit continuously monitors the
HS CAN Bus for a valid wake-up frame. If a valid WUF is detected, then the WUF bit in the register WAKE_STAT
is set to “1”. An SPI clear command resets the WUF bit. Chapter 7 describes the selective wake feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com