Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 72Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 73Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 74Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 75Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 76Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
Data Sheet
76
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.2.2
Undervoltage Detection
Table 10
Undervoltage Detection
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Undervoltage Detection VBAT
Undervoltage detection
threshold
VBAT_UV
4.2
5.0
5.5
V
1)
1) The design of the TLE9255W guarantees that the VBat powerdown threshold is below the VBat undervoltage threshold
P_10.2.18
Power down threshold
VBAT_POD
34.0
4.4
V
1),
falling edge,
VCC = 0 V;
P_10.2.20
Undervoltage glitch filter
tVBAT_filter
1
–
400
µs
(see Figure 24)
P_10.2.22
Undervoltage Detection VCC
Undervoltage detection
threshold
VCC_UV
4.5
4.65
4.75
V
–
P_10.2.23
Power down threshold
VCC_POD
2.5
3
4.0
V
falling edge,
VBAT = 0 V;
P_10.2.25
Undervoltage glitch filter
tVCC_filter
1
–
10
µs
(see Figure 26)
P_10.2.27
Transmitter recovery time
tVCC_recovery
20
µs
(see Figure 26)
P_10.2.36
Response time VCC for
long-term undervoltage
detection
tVCC_UV_T
0.6 x
VCC_UV_T
–1.4 x
VCC_UV_
T
AdjustablebySPI
bit VCC_UV_T
(see Figure 28
and Figure 29)
P_10.2.28
Undervoltage Detection VIO
Undervoltage detection
threshold
VIO_UV
2.4
2.6
3.0
V
–
P_10.2.29
Undervoltage glitch filter
tVIO_filter
1
–
10
µs
(see Figure 30)
P_10.2.31
Transmitter recovery time
tVIO_recovery
20
µs
(see Figure 30)
P_10.2.37
Response time VIO for
long-term undervoltage
detection
tVIO_UV_T
0.6 x
VIO_UV_T
–1.4 x
VIO_UV_T
AdjustablebySPI
field VIO_UV_T
(see Figure 32
and Figure 33)
P_10.2.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com