Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 90 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 90 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 86Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 87Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 88Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 89Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 90Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 91Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 92Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 93Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 94Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 100 page
background image
Data Sheet
90
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.6.3
Local Wake-Up
10.7
SPI
Table 21
Local Wake-Up
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Local wake-up detection
threshold
VWAKE_TH
0.35 x
VBAT
0.5 x
VBAT
0.65 x
VBAT
V5.5 < VBAT < 32V
P_10.6.10
Local wake-up detection
threshold
VWAKE_TH
0.25 x
VBAT
0.5 x
VBAT
0.75 x
VBAT
V32 < VBAT < 40V
P_10.6.15
“high” level input current
IWAKE_H
-20
-
-
µA
P_10.6.12
“low” level input current
IWAKE_L
--
20
µA
P_10.6.13
Wake pulse filter time
tWAKE_Filter
10
-
50
µs
Figure 18 and
Figure 19
P_10.6.14
Table 22
SPI
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
SPI Clock Frequency
SPI clock frequency
fSPI
0.01
–
4.0
MHz
–
P_10.7.1
Logic Input MOSI, SCLK
“high” level input voltage
threshold
VH
-0.5 x
VIO
0.7 x
VIO
V–
P_10.7.2
“low” level input voltage
threshold
VL
0.3 x
VIO
0.4 x
VIO
-V
–
P_10.7.3
“high” level input current
IH
20
–
220
µA
VMOSI = VIO,
VSCLK = VIO,
pull-down;
P_10.7.5
“low” level input current
IL
-2.0
–
2.0
µA
VMOSI =0V,
VSCLK = 0V;
P_10.7.6
Input capacitance
CIN
––
10
pF
1)
P_10.7.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com