Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 15Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 16Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 17Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 18Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 19Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 20Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 21Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 22Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
Data Sheet
19
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
5.4.1
Sleep WUP Sub-Mode
Sleep WUP Sub-Mode is a low power mode of the TLE9255W. Sleep WUP Sub-Mode reduces current
consumption. The following conditions are valid for the Sleep WUP Sub-Mode:
• The transmitter is disabled and the data available on the TxD input is blocked.
• The value of the RxD output pin depends on the power supply circuit of VIO.
– Permanent power supply of VIO (INH pin is not used)
The RxD output pin is “high”
– The INH pin controls the power supply of VIO
The RxD output pin is “low”
•If the tSilence timer has expired, then the bus biasing is off.
• The TxD timeout function is disabled (Chapter 6.4).
• The overtemperature protection is disabled (Chapter 6.5).
• The undervoltage detection on VBAT (Chapter 6.2.1) is not signalled in the SPI bit VBAT_UV.
• The undervoltage detection on VCC is disabled(Chapter 6.2.2).
• The undervoltage detection on VIO (Chapter 6.2.4) is not signalled in the SPI bits VIO_LTUV and VIO_STUV.
• The INH output pin is “low”. The SPI bit VBAT_CON in the register SWK_CTRL_1 controls the behavior of
the INH pin.
• The HS CAN bus is continuously monitored for a valid wake-up pattern (Chapter 5.7.1).
•The HS CAN bus is not monitored for a valid WUF (Chapter 5.7.2).
• Local wake-up function is enabled.
Conditions for entering the Sleep WUP Sub-Mode:
•If VIO < VIO_UV (VIO undervoltage) AND tVIO_UV_T has expired AND tsilence has expired, then the TLE9255W enters
Sleep WUP Sub-Mode.
•If VCC < VCC_UV (VCC undervoltage) AND tVCC_UV_T has expired AND tsilence has expired, then the TLE9255W
enters Sleep WUP Sub-Mode. The SPI bit STTS_EN controls this state transition.
• The Sleep WUP Sub-Mode can be entered via an SPI MC command from any mode of operation.
Conditions for leaving the Sleep WUP Sub-Mode:
• If a wake-up (WUP, LWU) is detected in Sleep WUP Sub-Mode, then the TLE9255W enters Stand-by Mode.
• An SPI MC command triggers a mode change to any mode of operation.
Figure 11
Mode change in Sleep WUP Sub-Mode
Sleep WUP
Sub-Mode
Stand-by Mode
Any Mode
WUP OR LWU
detection
VIO undervoltage
AND
tVIO_UV_T expired
AND
tSilence expired
SPI MC
command
Any Mode
VCC undervoltage
AND
tVCC_UV_T expired
AND
tSilence expired
SPI MC command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com