Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 54Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 55Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 56Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 57Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 58Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 59Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Data Sheet
56
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
VCC_UV_T
3:0
rw
VCC Undervoltage Detection Timer1)
0001B, 100 ms
0010B, 200 ms
0011B, 300 ms
0100B, 400 ms
0101B, 500 ms
0110B, 600 ms
0111B, 700 ms
1000B, 800 ms
1001B, 900 ms
1010B, 1000 ms
1011B, 1100 ms
1100B, 1200 ms
1101B, 1300 ms
1110B, 1400 ms
1111B, 1500 ms
1) The derivation of the value can be +/- 40%
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com