Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 10Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 11Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 12Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 13Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 14Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 15Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 16Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 17Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
Data Sheet
14
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
5.2
Receive-only Mode
In Receive-only Mode the transmitter is disabled and the receiver is enabled. The TLE9255W can receive data
from the HS CAN bus, but cannot transmit data to the HS CAN bus.
• The transmitter is disabled and the data available on the TxD input is blocked.
• The RxD output pin indicates the data received by the normal-mode receiver.
• The bus biasing is on.
• The TxD timeout function is disabled (Chapter 6.4).
• The overtemperature protection is disabled (Chapter 6.5).
• The undervoltage detection on VBAT is enabled(Chapter 6.2.1)
• The undervoltage detection on VCC is enabled (Chapter 6.2.2).
• The undervoltage detection on VIO is enabled (Chapter 6.2.4).
• The INH output pin is “high”.
• A valid wake-up pattern is not signalled in the SPI bit WUP (Chapter 5.7.1).
• Only if the selective wake function is enabled (SWK_EN = 1), then the HS CAN bus is continuously
monitored for a valid WUF (Chapter 5.7.2).
• Local wake-up function is disabled (Chapter 5.7.3).
Conditions for entering the Receive-only Mode:
• Receive-only Mode can be entered via an SPI MC command from any mode of operation.
Conditions for leaving the Received-only Mode:
•If VIO < VIO_UV AND tVIO_UV_T has expired AND tsilence has expired, then this triggers a mode change to Sleep
Mode.
•If VCC < VCC_UV AND tVCC_UV_T has expired AND tsilence has expired, then this triggers a mode change to Sleep
Mode.
• An SPI MC command triggers a mode change.
Figure 6 shows possible mode changes.
Figure 6
Mode changes in Receive-only Mode
Receive-only Mode
Any Mode
Any Mode
SPI MC
command
SPI MC
command
Sleep Mode
VCC undervoltage
AND
tVCC_UV_T expired
AND
tSilence expired
VIO undervoltage
AND
tVIO_UV_T expired
AND
tSilence expired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com