Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
Data Sheet
41
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
Figure 37
CAN ID and CAN ID mask
The registers SWK_ID0_CTRL, SWK_ID1_CTRL, SWK_ID2_CTRL and SWK_ID3_CTRL configure the CAN ID. The
IDE bit defines the CAN ID format (11 bit or 29 bit identifier).
The
registers
SWK_MASK_ID0_CTRL,
SWK_MASK_ID1_CTRL,
SWK_MASK_ID2_CTRL
and
SWK_MASK_ID3_CTRL configure the CAN-ID mask.
7.1.2
DLC and data field evaluation
If all of the following conditions are fulfilled, then the DLC and data field evaluation is successful:
• the DLC of the received CAN frame is equal to the DLC configured in the DLC field of the register
SWK_DLC_CTRL
• At least one bit within the data field of the received CAN frame is “1” and matches to a bit (“1”) of the
configured data field. If one bit matches, then the evaluation is stopped. The registers SWK_DATA0_CTRL,
SWK_DATA1_CTRL, SWK_DATA2_CTRL, SWK_DATA3_CTRL, SWK_DATA4_CTRL, SWK_DATA5_CTRL,
SWK_DATA6_CTRL and SWK_DATA7_CTRL configure the data field.
Figure 38 shows an example for the data field evaluation. The DLC in this example is 1.
Figure 38
Data field evaluation
1
0
0
1
0
1
1
1
0
0
1
Configured CAN ID
CAN ID mask
1
st valid WUF CAN ID
1
1
1
1
1
1
1
1
1
0
1
1
0
0
1
0
1
1
1
0
0
1
1
0
0
1
0
1
1
1
0
1
1
2
nd valid WUF CAN ID
1
0
0
1
0
1
1
0
0
1
1
Example of an invalid
WUF CAN ID
Data byte 0
Configured data mask
Received CAN data bytes
0
0
1
1
1
0
1
1
1
0
1
0
0
1
1
0
Data matches.
The evaluation
process can be
stopped
These bits can be
ignored
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com