Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 45Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 46Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 47Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 48Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Data Sheet
49
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8.2
Control and Status Register
There are two types of registers:
• Control registers:
Control the behavior of the TLE9255W, for example mode change and selective wake configuration.
• Status registers:
Status registers represent the status of the TLE9255W, for example wake events and failures. The
TLE9255W controls the bits of the status register. However, the microcontroller must reset some of these
bits. Writing “1” clears the register (w1c). In case of reading the register the address bits for the register
must be set, the R/W bit must be set to 0 and the data bits are not relevant. Writing a “1” to the specific bits
in the status register resets the status bits in the status register. Figure 44 shows this scenario.
Figure 44
Read and clear command
Data Bits
Status Register
Address Bits
R/W
SPI Command
1
1
1
0
1
1
1
-
0
0
1
1
0
1
0
1
0
1
0
0
0
0
0
1
0
0
1
1
0
1
0
1
1
0
1
0
1
1
1
-
0
0
1
1
0
1
0
0
Status Register
after SPI
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com