Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 77Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 78Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 82Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 83Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 84Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
Data Sheet
81
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
10.4.2
Receiver
Table 14
Receiver
4.75 V < VCC < 5.25 V; 3.0 V < VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Bus Receiver
Common Mode Range
VCMR
-12
–
12
V
–
P_10.4.18
Differential range dominant
Normal-operating Mode
Receive-only Mode
Selective Wake SUB-Mode
VDiff_D_Range 0.9
–
8.0
V
VCMR
Bus Biasing on,
1);
P_10.4.21
Differential range recessive
Normal-operating Mode,
Receive-only Mode
Selective Wake SUB-Mode
VDiff_R_Range -3.0
–
0.5
V
VCMR
Bus Biasing on,
1);
P_10.4.23
Single ended internal
resistance
RCAN_H,
RCAN_L
637
50
kΩ
-2V ≤ VCAN_H ≤ 7 V,
-2V ≤ VCAN_L ≤ 7 V,
recessive state;
P_10.4.25
Input resistance deviation
between CANH and CANL
∆Ri
-3.0
–
3.0
%
VCAN_L = VCAN_H = 5 V,
VCC = 5 V,
recessive state;
P_10.4.26
Differential internal
resistance
RDiff
12
75
100
kΩ
-2V ≤ VCAN_H ≤ 7 V,
-2V ≤ VCAN_L ≤ 7 V,
recessive state;
P_10.4.27
Input capacitance CANH,
CANL versus GND
CIn
–-
40
pF
1)
1) Not subject to production test, specified by design.
P_10.4.28
Differential input
capacitance
CInDiff
–-
20
pF
1)
P_10.4.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com