Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 38Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 39Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 40Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 41Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 42Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 43Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
Data Sheet
40
Rev. 1.02 2018-02-02
TLE9255W
CAN Partial Networking
7
CAN Partial Networking
Partial networking allows to exclude nodes from the CAN communication in a CAN network. If the TLE9255W
is in the Selective Wake Sub-Mode, then a CAN frame can wake-up the TLE9255W. This feature is called
selective wake and the CAN frame is called wake-up frame (WUF). The selective wake unit implements the
selective wake feature.
7.1
Wake-up frame evaluation
For a WUF detection the TLE9255W evaluates, whether a received CAN frame is a valid wake-up frame. This
wake-up frame evaluation consists of the following parts:
•CAN ID evaluation
• Frame data length code (DLC) and data field evaluation
If both parts are evaluated successfully AND if the CRC of the CAN Frame is valid, then a valid wake-up frame
is detected (see Figure 36). The following chapter describes the process in more detail.
Figure 36
WUF detection
7.1.1
Wake-up frame identifier evaluation
If all relevant CAN ID bits of a CAN frame match the configured CAN ID bits in the TLE9255W, then a valid WUF
CAN ID is received. The CAN ID mask excludes CAN ID bits from the evaluation. The CAN ID bits of a received
CAN frame are compared bit by bit with the CAN ID configured in register SWK_ID0_CTRL to SWK_ID3_CTRL. If
the received CAN ID is equal to the configured CAN ID, then the wake-up frame identifier evaluation is
successful. The CAN ID mask (registers SWK_MASK_ID0_CTRL to SWK_MASK_ID3_CTRL) defines which bits the
comparison considers. Figure 37 shows an example of the CAN ID evaluation (11 bit CAN ID). The green
background color defines the CAN ID bits which are not considered in the comparison.
CRC Field
ACK
EOF
CAN Frame
Wake-up detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com