| Electronic Components Datasheet Search |
|
NET2890 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NET2890 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 73 page ![]() Specification NET2890 USB Interface Controller ____________________________________________________________________________________ NetChip Technology, Inc., 1999 335 Pioneer Way, Mountain View, California 94041 TEL (650) 526-1490 FAX (650) 526-1494 http://www.netchip.com Rev 2.0, Draft 9, July 16, 1999 17 4. Functional Description 4.1 USB Interface The NET2890 is a USB function device, and as a result is always a slave to the USB host. The bit and packet level protocols, as well as the electrical interface of the NET2890, conform to USB Specification Version 1.0. All USB data transfers to and from the NET2890 USB port are initiated by the USB host. The NET2890 can be configured for up to 4 endpoints, in addition to Endpoint 0. Each endpoint can be an isochronous, bulk or interrupt type. The configuration registers are used to program the characteristics of each endpoint. 4.2 USB Protocol The packet protocol of the USB bus consists of tokens, packets, transactions, and transfers. 4.2.1 Tokens Tokens are a type of Packet Identifier (PID), and follow the sync byte at the beginning of a token packet. The four types of tokens are OUT, IN, SOF, and SETUP. 4.2.2 Packets There are four types of packets: start-of-frame (SOF), token, data, and handshake. Each packet begins with a sync byte and a Packet Identifier (PID). The other fields vary depending on the type of packet. An SOF packet consists of the following fields: • Sync byte (8-bits) • Packet Identifier (8-bits) • Frame Number (11-bits) • CRC (5-bits) A token packet consists of the following fields: • Sync byte (8-bits) • Packet Identifier (8-bits) • Address (7-bits) • Endpoint (4-bits) • CRC (5-bits) A data packet consists of the following fields: Data packets are always preceded by a token packet. • Sync byte (8-bits) • Packet Identifier (8-bits) • Data (n bytes) • CRC (16-bits) A handshake packet consists of the following fields: • Sync byte (8-bits) • Packet Identifier (8-bits) 4.2.3 Transaction A transaction consists of a token packet, optional data packet(s), and a handshake packet. 4.2.4 Transfer A transfer consists of one or more transactions. Control transfers consist of a setup transaction, optional data transactions, and a handshake (status) transaction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |