Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
47
5.4.9 (Address 1Ah; FIFOCNT) FIFO Count Register (one per Endpoint)
Bits
Description
Read
Write
Default
Value
7:0
FIFO Count. This register returns the number of FIFO entries containing valid data.
Values range from 0 (empty) to 128 (full) for Endpoints A through D, and from 0
(empty) to 16 (full) for Endpoint 0. Note: If retries are disabled, and the endpoint is
actively involved in a USB packet transfer, the value read from this register may not
be valid.
Yes
No
0
5.4.10 (Address 1Ch;FIFOCTL) FIFO Control Register (one per Endpoint)
Bits
Description
Read
Write
Default
Value
7
Reserved
Yes
No
0
6
FIFO Valid Mode.
This bit is only used for IN endpoints. Setting this bit causes the NET2890 to
respond to an IN token with a NAK handshake unless there are more than
EPnPKTSIZ bytes in the FIFO or the FIFO Valid bit is set. When this bit is cleared,
any data waiting in the endpoint’s FIFO will be sent in response to a
n IN token, and the FIFO Valid bit is ignored (except for zero-length packets).
Yes
Yes
0
5
FIFO Flush. Writing a 1 to this bit causes the FIFO to be flushed and the
corresponding FIFO Count register and FIFO Valid bit to be cleared. This bit clears
itself, and writing a 0 has no effect. Reading this bit always returns a 0.
No
Yes
0
4:0
Reserved
Yes
No
0
5.4.11 (Address 1Eh;FIFOSTAT) FIFO Status Register (one per Endpoint)
Bits
Description
Read
Write
Default
Value
7
FIFO Valid.
This bit is only used for IN endpoints. If the FIFO Valid Mode bit is set and there are
fewer than EPnPKTSIZ bytes in the FIFO, the NET2890 will respond to IN tokens
with NAK handshake unless this bit is set. Setting this bit causes the data in the FIFO
to be returned to the host as a short packet. Setting this bit when the FIFO is empty
causes a zero-length packet to be returned. This bit is automatically cleared when a
short (fewer than EPnPKTSIZ) packet is transmitted to the Host PC. (See
EPnPKTSIZ registers).
Yes
Yes/SET
0
6
Reserved
Yes
No
0
5
FIFO Overflow. If set, this bit indicates that an attempt was made to write to the
FIFO when the FIFO was full. Writing a 1 clears this bit.
Yes
Yes/CLR
0
4
FIFO Underflow. If set, this bit indicates that an attempt was made to read the FIFO
when the FIFO was empty. Writing a 1 clears this bit.
Yes
Yes/CLR
0
3
FIFO Full. If set, this bit indicates that the FIFO is full.
Yes
No
0
2
FIFO Empty. If set, this bit indicates that the FIFO is empty.
Yes
No
1
1:0
Reserved
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com