Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
61
6.1.8 Get String Descriptor 2
Note: Strings are encoded using UNICODE.
Offset
Number of
Bytes
Description
Suggested Value
0
66
Product Descriptor. The text string is encoded in
UNICODE.
42h, 03h,
“NET2890 USB
Interface
Controller”
6.1.9 Get Configuration
Offset
Number of
Bytes
Description
Suggested Value
0
1
Returns current device configuration
00h or currently
selected
configuration.
6.1.10 Get Interface
Offset
Number of
Bytes
Description
Suggested Value
0
1
Returns current alternate setting for the specified interface
00h or currently
selected interface.
6.2 Control ‘Write’ Transfers
6.2.1 Set Address
Offset
Number of
Bytes
Description
Suggested Value
--
0
Sets USB address of device
Value = device address, Index = 0
--
Note: When a Set Address command is sent from the host, the local CPU must write the new device
address into the OURADDR configuration register.
6.2.2 Set Configuration
Offset
Number of
Bytes
Description
Suggested Value
--
0
Sets the device configuration
Value = Configuration value
--
6.2.3 Set Interface
Offset
Number of
Bytes
Description
Suggested Value
--
0
Selects alternate setting for specified interface
Value = Alternate setting, Index = specified interface
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com