Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
46
5.4.6 (Address 15h; EPUSBSTAT) Endpoint USB Status Register (one per
Endpoint)
Bits
Description
Read
Write
Default
Value
7
Timeout. For an IN endpoint, the last USB packet transmitted was not acknowledged
by the Host PC, indicating a bus error. The Host PC will expect the same packet to
be retransmitted in response to the next IN token. For an OUT endpoint, the last USB
packet received had a CRC or bit-stuffing error, and was not acknowledged by the
NET2890. The packet will be retransmitted by the Host PC. Writing a 1 clears this
bit.
Yes
Yes/CLR
0
6
USB STALL Sent. The last USB packet could not be accepted or provided because
the endpoint was stalled, and was acknowledged with a STALL. Writing a 1 clears
this bit.
Yes
Yes/CLR
0
5
USB IN NAK Sent. The last USB IN packet could not be provided, and was
acknowledged with a NAK. Writing a 1 clears this bit.
Yes
Yes/CLR
0
4
USB IN ACK Rcvd. The last USB IN data packet transferred was successfully
acknowledged with an ACK from the host. Writing a 1 clears this bit.
Yes
Yes/CLR
0
3
USB OUT NAK Sent. The last USB OUT data packet could not be accepted, and
was acknowledged with a NAK to the host. If retries are disabled, the FIFO data may
be corrupted and the local CPU should flush the FIFO. Writing a 1 clears this bit.
Yes
Yes/CLR
0
2
USB OUT ACK Sent. The last USB OUT data packet transferred was successfully
acknowledged with an ACK to the host. Writing a 1 clears this bit.
Yes
Yes/CLR
0
1
Short Packet Transferred. The length of the last packet was less than the Maximum
Packet Size (EPnPKTSIZ). Writing a 1 clears this bit.
Yes
Yes/CLR
0
0
Reserved.
Yes
No
0
5.4.7 (Address 16h; EPDOUT) Endpoint Data Out Register (one per Endpoint)
Bits
Description
Read
Write
Default
Value
7:0
Endpoint Data Out Register. For an OUT endpoint, this register is used by the local
CPU to read data from the endpoint’s FIFO. This register is unused for an IN
endpoint.
Yes
No
0
5.4.8 (Address 17h; EPDIN) Endpoint Data In Register (one per Endpoint)
Bits
Description
Read
Write
Default
Value
7:0
Endpoint Data In Register. For an IN endpoint, this register is used by the local
CPU to write data to the endpoint’s FIFO. This register is unused for an OUT
endpoint.
No
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com