Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
49
5.5.5 (Address 14h; SETUP4) Setup Byte 4
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 4. This port provides byte 4 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wIndex field is returned.
Yes
No
0
5.5.6 (Address 15h; SETUP5) Setup Byte 5
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 5. This port provides byte 5 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wIndex field is returned.
Yes
No
0
5.5.7 (Address 16h; SETUP6) Setup Byte 6
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 6. This port provides byte 6 of the last setup packet received. For a
Standard Device Request, the least significant byte of the wLength field is returned.
Yes
No
0
5.5.8 (Address 17h; SETUP7) Setup Byte 7
Bits
Description
Read
Write
Default
Value
7:0
Setup Byte 7. This port provides byte 7 of the last setup packet received. For a
Standard Device Request, the most significant byte of the wLength field is returned.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com