Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
24
4.5.3.2 Isochronous In Transactions
Isochronous In endpoints are used to transfer data from the NET2890 local bus to a USB host. An
isochronous IN transaction consists of the following:
Stage
Packet Contents
# of
bytes
Source
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data
DATA0 PID, N data bytes, and CRC16
N+3
NET2890
The USB host initiates an Isochronous IN transaction by sending an IN token to an Isochronous IN
endpoint. The Data IN Token Interrupt status bit is set when the IN token is recognized. If this interrupt
is enabled, the local interrupt IRQ# pin is asserted. If there is data in the endpoint’s FIFO, it is returned to
the host. If the endpoint has no data to return, a zero length packet is returned to the host. The NET2890
responds to the IN token according to the following table.
FIFO
Valid
Mode
FIFO
Valid
Bit
End of
Transfer
Response Bit
Size of
Previous
Packet
Amount of Data in
FIFO
Action
0
0
0
X
empty
Zero length packet to host;
USB IN NAK Sent status
bit set
0
0
1
Maximum
empty
Zero length packet to host
0
0
1
< Maximum
empty
Zero length packet to host;
USB IN NAK Sent status
bit set
0
1
X
X
empty
Zero length packet to host
0
X
X
X
>0
Return data to host
1
0
X
X
< Max Packet Length
Zero length packet to host;
USB IN NAK Sent status
bit set
1
X
X
X
>= Max Packet Length
Return data to host
1
1
X
X
empty
Zero length packet to host
1
1
X
X
>0
Return data to host
After the packet has been sent to the host, the Data Packet Transmitted Interrupt status bit is set. If this
interrupt is enabled, the local interrupt IRQ# pin is asserted. No handshake packets are returned to the host,
but the USB IN ACK Sent, USB IN NAK Sent, and Timeout status bits are still set to indicate the status
of the transaction. After every data packet is transmitted, the local CPU should sample these status bits to
determine if the packet was successfully transmitted to the host.
By definition, isochronous endpoints do not utilize handshaking with the host. Since there is no way to
return a stall acknowledge from an isochronous endpoint to the host, data which is sent to a stalled
isochronous endpoint will be received normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com