Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 3Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 4Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 5Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 6Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 7Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 8Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
7
1. Highlights
1.1 Features
•
USB Specification Version 1.1 Compliant
•
Bridges between a Processor-Independent local bus and a USB bus
•
USB device bandwidth of up to 12Mb/sec
•
Four Configurable Endpoints, in addition to Endpoint 0
•
Each endpoint can be Isochronous, Bulk, or Interrupt, as well as In or Out
•
One 128 byte FIFO attached to each endpoint allows concurrency
•
Separate 16 byte FIFO for Control Endpoint 0
•
Supports local CPU or DMA data transfers
•
Automatic retry of failed packets
•
Diagnostic register allows forced USB errors
•
Atomic operation to set and clear status bits simplifies software
•
Simulated disconnect allows re-enumeration
•
Low power CMOS in 48 Pin Plastic QFP Package
•
3.3V operating voltage, 3.3V / 5.0 V dual-voltage I/O interface
•
Pin compatible with NET2888
1.2 Overview
The NET2890 USB Interface Controller allows control, isochronous, bulk and interrupt transfers
between a generic local bus and a Universal Serial Bus (USB). The NET2890 supports the
connection between a host computer and an intelligent peripheral such as a digital camera or
scanner.
The five main components of the NET2890 are the USB Bus Interface, the Local Bus Interface,
the Configuration Registers, the five endpoint FIFOs, and the Serial Interface Engine.
The USB Interface is responsible for the following functions:
•
Host to device Communication.
•
USB bit level protocol (Serial Interface Engine).
•
Automatic retry of failed packets.
•
Up to four Isochronous, Bulk, or Interrupt endpoints, each with a 128 byte FIFO.
•
Configurable Control Endpoint 0 with a 16 byte FIFO.
•
Interface to FIFOs and Local bus controller.
•
Simulated disconnect signaling
The Local Bus Interface is responsible for the following functions:
•
FIFO Control.
•
Local CPU interface.
•
Local DMA controller interface.
•
Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com