Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
44
5.4.3 (Address 12h; EPRSPCLR) Endpoint Response Clear Register (one per
Endpoint)
Note: Writing a 1 to a bit position clears that bit and writing a 0 has no effect.
Bits
Description
Read
Write
Default
Value
7
Reserved.
Yes
No
0
6
End of Transfer Response. This bit is only used for IN endpoints. If FIFO Valid
Mode is false, setting this bit causes the endpoint to automatically terminate USB
transfers with a zero length packet when necessary. If the last packet sent was full
(Short Packet Transferred is false), and an IN token arrives when the FIFO is empty,
the endpoint returns a zero length packet (instead of NAK) to indicate end of transfer
to the host.
Yes
Yes/Clr
1
5
Interrupt Mode.
This bit is only used for INTERRUPT endpoints. For normal interrupt data, this bit
should be set to zero and standard data toggle protocol is followed. When this
interrupt endpoint is used for isochronous rate feedback information, this bit should
be set high. In this mode the data toggle bit is changed after each packet is sent to the
host without regard to handshaking. No packet retries are performed in the rate
feedback mode.
Yes
Yes/Clr
0
4
Control Status Phase Handshake. This bit is only used for endpoint 0. This bit is
automatically set when a setup packet is detected. While the bit is set, a control status
phase will be acknowledged with a NAK. Once cleared, the proper response will be
returned to the host (ACK for Control Reads and zero-length packets for Control
Writes).
Yes
Yes/Clr
0
3
Receive Handshake Mode. This bit is only used for OUT endpoints. This bit selects
the response if the previous receive packet has not been processed by the local CPU.
If this bit is low, the NET2890 will accept the OUT packet if there is space available
in the endpoint’s FIFO. If this bit is high, the NET2890 will respond to the host with
a NAK if an OUT packet is received and the Data Packet Received Interrupt status
bit is still set from the previous packet.
Yes
Yes/Clr
1
2
Reserved.
Yes
No
0
1
Endpoint Toggle. This bit is used to clear the endpoint data toggle bit. When an
Endpoint Clear Feature Standard Request to clear a stall bit is detected by the local
CPU, it must write a 1 to this bit, thus resetting the toggle. Reading this bit returns
the current state of the endpoint data toggle bit.
Yes
Yes/Clr
0
0
Endpoint Stall. This bit is used to clear the endpoint stall bit. When an Endpoint
Clear Feature Standard Request to the stall bit is detected by the local CPU, it must
write a 1 to this bit. Reading this bit returns the current state of the endpoint stall bit.
Yes
Yes/Clr
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com