Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
42
5.4 Endpoint / FIFO Registers
There are 5 sets of endpoint / FIFO registers, one for each endpoint.
5.4.1 (Address 10h; EPCFG) Endpoint Configuration Register (one per
Endpoint)
NOTE: For Endpoint 0, all fields in this register are assigned to fixed values, and are RESERVED.
Bits
Description
Read
Write
Default
Value
7:4
Endpoint Number. This field selects the number of the endpoint. Valid numbers are
0 to 15. This field has no effect on Endpoint 0, which always has an endpoint
number of 0.
Yes
Yes
0
3
Endpoint Direction. This bit selects the direction of this endpoint, if it is
unidirectional. 0 = OUT, 1 = IN. Endpoint 0 is bi-directional, and ignores this bit.
The direction is with respect to the USB host point of view. Note that a maximum of
one OUT and IN endpoint is allowed for each endpoint number.
Yes
Yes
0
2
Endpoint Enable. When set, this bit enables this endpoint. This bit has no effect on
Endpoint 0, which is always enabled.
Yes
Yes
0
1:0
Endpoint Type. This field selects the type of this endpoint. Endpoint 0 is forced to a
Control type.
Value
Description
0
Reserved
1
Isochronous
2Bulk
3
Interrupt
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com