Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 32Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 33Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 34Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
34
4.10 Root Port Reset
If the SIE in the NET2890 detects a single-ended zero on the root port for greater than 2.5 microseconds, it
is interpreted as a root port reset. The LRESET# output pin is asserted, and the following resources are
reset:
SIE
USB state machines
Local state machines
Our Address Register
Device Configured bit of Main Control Register.
FIFOs and FIFO Valid bits
The remainder of the configuration registers are not affected by the root port reset.The Root Port Reset
Interrupt Status bit is set when a root port reset has been detected, and if enabled, a local interrupt is
generated. The local CPU should take appropriate action when this interrupt occurs.
According the the USB Specification, the width of the USB reset is minimally 10ms and may be longer
depending on the upstream host or hub. There is no specified maximum width for the USB reset. The
LRESET# pin is asserted while the USB reset is active, and is negated a few 48 MHz clocks after the USB
reset condition is removed by the host.
4.11 NET2890 Power Configuration
The USB specification defines both bus-powered and self-powered devices. A bus-powered device is a
peripheral which derives all of its power from the upstream USB connector, while a self-powered device
has an external power supply. The NET2890 is well-suited for both types of applications.
The most significant consideration when deciding whether to build a bus-powered or a self-powered device
is power consumption. The USB specification lays out the following requirements for maximum current
draw:
A peripheral not configured by the host can draw only 100 mA from the USB power pins.
A device may not draw more than 500 mA from the USB connector’s power pins.
In suspend mode, the peripheral may not draw more than 500
µA from the USB connector’s
power pins
If these power considerations can be met without the use of an external power supply, the peripheral can be
bus-powered; otherwise a self-powered design should be implemented.
4.11.1 Bus-Powered Device
If the local bus is powered at 3.3 Volts, the VDD and VDDL pins of the device are connected to a 3.3 Volt
regulated source derived from the USB 5.0 volt power pin. For a 5.0 volt local bus, the VDDL pin may be
connected directly to the USB 5.0 Volt power pin, while the VDD pins must still be connected to 3.3 Volts
through a regulator. The rest of the local-side circuitry is also connected to the USB power pin, either
through a regulator or directly. Therefore, the peripheral’s local circuitry and the NET2890 will all power
up simultaneously, and initialization can occur normally with a power-on reset.
4.11.2 Self-Powered Device
Generally, a peripheral with higher power requirements will be self-powered. In a self-powered device, the
NET2890 VDD and VDDL pins of the NET2890 are powered by the local power supply. This allows the local
bus to continue accessing the NET2890, even when the device is not connected to the USB bus. The USB
connector’s power pin is left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com