| Electronic Components Datasheet Search |
|
NET2890 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
NET2890 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 73 page ![]() Specification NET2890 USB Interface Controller ____________________________________________________________________________________ NetChip Technology, Inc., 1999 335 Pioneer Way, Mountain View, California 94041 TEL (650) 526-1490 FAX (650) 526-1494 http://www.netchip.com Rev 2.0, Draft 9, July 16, 1999 29 4.6.2 OUT FIFOs When receiving data, the NET2890 will NAK the host (indicating that it cannot accept the data) if either the FIFO runs out of room, or the Data Packet Received Interrupt status bit is set. USB OUT transfers can overlap with the local CPU unloading the data using the following sequence: • When the local CPU gets the Data Packet Received Interrupt, it reads the FIFOCNT register so it knows how many bytes are in the current packet. • Then the local CPU clears the Data Packet Received Interrupt which allows the next packet to be received. • Now the local CPU can unload data from the FIFO while the next USB OUT transaction is occurring. 4.7 Interrupt and Status Register Operation 4.7.1 Interrupt Status Register 1 (IRQSTAT1) Bits 4:0 of this register indicate whether one of the endpoints has an interrupt pending. These bits cannot be written, and can cause a local interrupt if the corresponding interrupt enable bits are set in the IRQENB1 register. Bit 7 is automatically set when a start-of-frame (SOF) token is received, and is cleared by writing a 1. This bit can cause a local interrupt if the corresponding interrupt enable bit is set in the IRQENB1 register. Note that the interrupt status bits can be set without the corresponding interrupt enable bit being set. This allows the local CPU to operate in a polled, as well as an interrupt driven environment. 4.7.2 Interrupt Status Register 2 (IRQSTAT2) Each of the bits of this register is set when a particular event occurs in the NET2890, and are cleared by writing a 1 to the corresponding bit. These bits can cause a local interrupt if the corresponding interrupt enable bits are set in the IRQENB2 register. 4.7.3 Endpoint Response Registers (EPRSPSET, EPRSTCLR) Each endpoint has a set of Endpoint Response Registers. The bits in these registers determine how the NET2890 will respond to various situations during a USB transaction. Writing a 1 to any of the bits in the EPRSPSET register will set the corresponding bits. Writing a 1 to any of the bits in the EPRSPCLR register will clear the corresponding bits. Reading either register returns the current state of the bits. 4.7.4 Endpoint Interrupt Status Register (EPIRQSTAT) Each endpoint has an Endpoint Interrupt Status Register. Each of the bits of this register is set when a particular endpoint event occurs, and are cleared by writing a 1 to the corresponding bit. These bits can cause a local interrupt if the corresponding interrupt enable bits are set in the EPIRQENB register. Reading the EPRIQSTAT register returns the current state of the bits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |