Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
58
6.1.5 Get Configuration Descriptor (55 bytes)
The NET2890 can support a variety of configurations, interfaces, and endpoints, each of which is defined
by the descriptor data returned to the host. The local CPU has the responsibility of providing this data to
the NET2890 when the host requests it.
This example has one configuration, and two interfaces, each with two endpoints. The first interface defines
one Bulk OUT endpoint at address 1 with maximum packet size of 8 and one Interrupt IN endpoint at
address 82h (endpoint number = 2) with a maximum packet size of 8. The second interface defines one
Bulk OUT endpoint at address 3 with maximum packet size of 64 and one Bulk IN endpoint at address 84h
(endpoint number = 4) with a maximum packet size of 64.
Note that all interface and endpoint descriptors are returned in response to a Get Configuration Descriptor
request.
Offset
Number of
Bytes
Description
Suggested
Value
Configuration Descriptor
0
1
Length
09h
1
1
Type (configuration)
02h
2
2
Total length returned for this configuration
0037h
4
1
Number of Interfaces
02h
5
1
Number of this configuration
01h
6
1
Index of string descriptor describing this configuration
00h
7
1
Attributes
bit 7 = Bus Powered
bit 6 = Self-Powered
bit 5 = Remote-Wakeup
bits 4:0 = Reserved
8
1
Maximum USB power required (in 2 mA units)
Interface 0 Descriptor
0
1
Size of this descriptor in bytes
09h
1
1
Type (interface)
04h
2
1
Number of this interface
00h
3
1
Alternate Interface
00h
4
1
Number of endpoints used by this interface
(excluding Endpoint 0)
02h
5
1
Class Code
00h
6
1
Sub Class Code
00h
7
1
Device Protocol
00h
8
1
Index of string descriptor describing this interface
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com