Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 42Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 43Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 44Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 45Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 46Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
45
5.4.4 (Address 13h; EPIRQENB) Endpoint Interrupt Enable Register (one per
Endpoint)
Bits
Description
Read
Write
Default
Value
7:6
Reserved.
Yes
No
0
5
Data Packet Received Interrupt Enable. When set, this bit enables a local interrupt
to be set when a data packet has been received from the host.
Yes
Yes
0
4
Data Packet Transmitted Interrupt Enable. When set, this bit enables a local
interrupt to be set when a data packet has been transmitted to the host.
Yes
Yes
0
3
Data OUT Token Interrupt Enable. When set, this bit enables a local interrupt to
be set when a Data OUT token has been received from the host.
Yes
Yes
0
2
Data IN Token Interrupt Enable. When set, this bit enables a local interrupt to be
set when a Data IN token has been received from the host.
Yes
Yes
0
1
FIFO Almost Full Interrupt Enable. When set, this bit enables a local interrupt to
be set when the number of bytes in the FIFO becomes equal to or greater than the
FIFO Almost Full Threshold.
Yes
Yes
0
0
FIFO Almost Empty Interrupt Enable. When set, this bit enables a local interrupt
to be set when the number of bytes in the FIFO becomes equal to or less than the
FIFO Almost Empty Threshold.
Yes
Yes
0
5.4.5 (Address 14h; EPIRQSTAT) Endpoint Interrupt Status Register (one per
Endpoint)
Bits
Description
Read
Write
Default
Value
7:6
Reserved.
Yes
No
0
5
Data Packet Received Interrupt. This bit is set when a data packet is received from
the host by this endpoint. This status bit is cleared by writing a 1. If this bit is set,
the Receive Handshake Mode bit is set, and another OUT token is received, a NAK
is returned to the host.
Yes
Yes/CLR
0
4
Data Packet Transmitted Interrupt. This bit is set when a data packet is
transmitted from the endpoint to the host. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
3
Data OUT Token Interrupt. This bit is set when a Data OUT token has been
received from the host. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
2
Data IN Token Interrupt. This bit is set when a Data IN token has been received
from the host. This status bit is cleared by writing a 1.
Yes
Yes/CLR
0
1
FIFO Almost Full Interrupt. This bit is set when the number of bytes in the FIFO
changes from a value less than the FIFO Almost Full Threshold to a value equal to or
greater than the threshold.
Yes
Yes/CLR
0
0
FIFO Almost Empty Interrupt. This bit is set when the number of bytes in the
FIFO changes from a value greater than the FIFO Almost Empty Threshold to a
value equal to or less than the threshold.
Yes
Yes/CLR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com