Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 33Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 34Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 35Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 36Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 37Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 38Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 39Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 40Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
37
5.2.2 Endpoint / FIFO registers (paged)
Address
Register
Name
Register Description
Page
10h
EPCFG
Endpoint Configuration
42
11h
EPRSPSET
Endpoint Response Set
43
12h
EPRSPCLR
Endpoint Response Clear
44
13h
EPIRQENB
Endpoint Interrupt Enable
45
14h
EPIRQSTAT
Endpoint Interrupt Status
45
15h
EPUSBSTAT
Endpoint USB Status
46
16h
EPDOUT
Endpoint DATA OUT (NET2890 Receive)
46
17h
EPDIN
Endpoint DATA IN (NET2890 Transmit)
46
18h
Reserved
19h
Reserved
1Ah
FIFOCNT
FIFO Count
47
1Bh
Reserved
1Ch
FIFOCTL
FIFO Control
47
1Dh
Reserved
1Eh
FIFOSTAT
FIFO Status
47
1Fh
Reserved
5.2.3 Setup Packet registers (paged)
Address
Register
Name
Register Description
Page
10h
SETUP0
Setup byte 0
48
11h
SETUP1
Setup byte 1
48
12h
SETUP2
Setup byte 2
48
13h
SETUP3
Setup byte 3
48
14h
SETUP4
Setup byte 4
49
15h
SETUP5
Setup byte 5
49
16h
SETUP6
Setup byte 6
49
17h
SETUP7
Setup byte 7
49
18h-1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com