Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
60
Get Configuration Descriptor (continued)
Offset
Number of
Bytes
Description
Suggested
Value
OUT Endpoint 3 Descriptor
0
1
Size of this descriptor
07h
1
1
Descriptor Type (endpoint)
05h
2
1
Endpoint Address
bit 7 = direction (1 = IN, 0 = OUT)
bits 6:4 = reserved
bits 3:0 = endpoint number
03h
3
1
Endpoint Attributes
bits 7:2 = reserved
bits 1:0
00 = Control
01 = Isochronous
10 = Bulk
11 = Interrupt
02h
4
2
Maximum packet size of this endpoint for bulk mode
0040h
6
1
Interval for polling endpoint
00h
IN Endpoint 4 Descriptor
0
1
Size of this descriptor
07h
1
1
Descriptor Type (endpoint)
05h
2
1
Endpoint Address
bit 7 = direction (1 = IN, 0 = OUT)
bits 6:4 = reserved
bits 3:0 = endpoint number
84h
3
1
Endpoint Attributes
bits 7:2 = reserved
bits 1:0
00 = Control
01 = Isochronous
10 = Bulk
11 = Interrupt
02h
4
2
Maximum packet size of this endpoint for bulk mode
0040h
6
1
Interval for polling endpoint
00h
6.1.6 Get String Descriptor 0
Offset
Number of
Bytes
Description
Suggested Value
0
4
Language ID (English = 09, U.S. = 04)
04h, 03h,
0409h
6.1.7 Get String Descriptor 1
Offset
Number of
Bytes
Description
Suggested Value
0
38
Manufacturer Descriptor. The text string is encoded in
UNICODE.
26h, 03h,
“NetChip
Technology”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com