Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
14
3. Pin Description
Pin Type
Description
I
Input
OOutput
I/O
Bi-Directional
S
Schmitt Trigger
TS
Tri-State
TP
Totem-Pole
OD
Open-Drain
PD
50K Pull-Down
PU
50K Pull-Up
#
Active low
NOTE: Input pins that do not have an internal pull-up or pull-down resistor (designated by PU or PD in the
”Type” column below) must be driven externally when the NET2890 is in the suspended state.
Signal Name
Pin
Type
Description
CLKIN
44
I
48 MHz Oscillator input. Connect to 48 MHz crystal.
CLKOUT
45
O
48 MHz Oscillator output. Connect to 48 MHz crystal. The oscillator
stops when the device is suspended by the USB Host.
RESET#
35
I, S, PU
Reset. External reset. Connect to local or power-on reset. To reset
when oscillator is stopped (initial power-up or in suspend state), assert
for at least two ms. When oscillator is running, assert for at least five
48-MHz clock periods.
DP,DM
3,4
I/O
USB Data Port
DP and DM are the differential data signals of the USB data port
NOTE: An external 1.5 K
Ω resistor must be connected from DP to
3.3V. This pull-up resistor indicates to the host or upstream hub that a
full-speed device is connected to the USB.
D[7:0]
5-11,
14
I/O, 12mA,
TS
Data Bus. The bi-directional 8-bit data bus is used by devices on the
local bus to read or write registers or FIFOs in the NET2890. D7 is the
most-significant bit.
A[4:0]
42-38
I
Address Bus. The local address bus is used by devices on the local
bus to select registers within the NET2890. A4 is the most-significant
bit.
CS#
15
I, PU
Chip Select. The chip select is used by devices on the local bus to
enable access to registers within the NET2890. This signal is ignored
if DACK# is asserted.
IOR#
17
I, PU
I/O Read. The I/O read strobe is asserted along with CS# and A[4:0]
when a device on the local bus reads from an internal register or FIFO.
It also allows a FIFO to be read during DMA transfers when DACK#
is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com