Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 68Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 69Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 70Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 71Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 72Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 73Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
69
Figure 7-4. Receiver Jitter Tolerance
7.4.4 Local Bus Write to Register
NAME
DESCRIPTION
MIN
MAX
UNIT
T1
Address setup to write enable*
5
ns
T2
Address hold from end of write enable*
0
ns
T3
Write enable width*
5
ns
T5
Data setup to end of write enable*
5
ns
T6
Data hold time from end of write enable*
0
ns
T7
I/O Recovery Time to next read or write
64
ns
* Write enable is the occurrence of both IOW# and CS#.
T2
T2
T1
T3
T5
T1
T7
T3
T5
T6
T6
0ns
25ns
50ns
75ns
100ns
A[4:0]
IOW#/CS#
D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com