Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 47Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 48Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 49Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 50Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
51
5.6.4 (Index 03h; IRQENB2) Interrupt Enable Register 2
Bits
Description
Read
Write
Default
Value
7
Control Status Interrupt Enable. When set, this bit enables a local interrupt to be
generated when an IN or OUT token indicating Control Status has been received.
Yes
Yes
0
6
Setup Packet Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a setup packet has been received from the host.
Yes
Yes
0
5
Input Pin Change Interrupt Enable. When set, this bit enables a local interrupt to
be generated when a change has been detected on either the BUSPWR# or
PWRGOOD# pins.
Yes
Yes
0
4
Reserved.
Yes
No
0
3
EOT Interrupt Enable. When set, this bit enables a local interrupt to be generated
when an EOT# signal is received from the DMA controller.
Yes
Yes
0
2
Root Port Reset Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a root port reset is detected.
Yes
Yes
0
1
Suspend Request Interrupt Enable. When set, this bit enables a local interrupt to
be generated when the USB host is requesting the NET2890 to enter suspend mode.
Yes
Yes
0
0
Resume Interrupt Enable. When set, this bit enables a local interrupt to be
generated when a device resume has been detected.
Yes
Yes
0
5.6.5 (Index 07h; FRAMELSB) Frame Counter (LSB)
Bits
Description
Read
Write
Default
Value
7:0
Frame Counter LSB. This field contains the least-significant bits of the frame
counter from the most recent start-of-frame packet.
Yes
No
0
5.6.6 (Index 08h; FRAMEMSB) Frame Counter (MSB)
Bits
Description
Read
Write
Default
Value
7:4
Reserved.
Yes
No
0
3
Fast Times. When this bit is set, the frame counter operates at a fast speed for testing
purposes only.
Yes
Yes
0
2:0
Frame Counter MSB. This field contains the most-significant bits of the frame
counter from the most recent start-of-frame packet.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com