Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 51Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 52Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 53Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 54Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 55Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 56Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 57Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 58Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
55
5.6.25 (Index 30h; FD_AETH) FIFO D Almost Empty Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Empty Threshold. This register determines the threshold at which the
FIFO almost empty status bit is set. The threshold is in terms of bytes
Yes
Yes
0
5.6.26 (Index 32h; FD_AFTH) FIFO D Almost Full Threshold Register
Bits
Description
Read
Write
Default
Value
7:0
FIFO Almost Full Threshold. This register determines the threshold at which the
FIFO almost full status bit is set. The threshold is in terms of bytes.
Yes
Yes
0
5.6.27 (Index FFh; REVISION) Revision Register
Bits
Description
Read
Write
Default
Value
7:0
Chip Revision. This register returns the current silicon revision number of the
NET2890.
Yes
No
Current
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com