Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
15
IOW#
18
I, PU
I/O Write. The I/O write strobe is asserted along with CS# and A[4:0]
when a device on the local bus writes to an internal register or FIFO. It
also allows a FIFO to be written during DMA transfers when DACK#
is asserted.
DRQ
19
O, 12mA,
TP
DMA Request. This signal indicates to an external DMA controller
that a byte should be transferred to/from the FIFO. During a transfer,
DRQ remains asserted until the DACK# input goes active. This output
floats when the device is suspended by the USB Host.
DACK#
20
I, PU
DMA Acknowledge. This signal from an external DMA controller is
used to transfer data to/from the FIFO in response to DRQ. IOR# and
IOW# determine the direction of the DMA transfer.
EOT#
21
I, PU
End of Transfer. This signal from an external DMA controller is used
to terminate a DMA transfer. If it is asserted during a DMA cycle, the
current byte will be transferred, but no additional bytes will be
requested. EOT# can be programmed to cause a USB interrupt.
IRQ#
26
O, 12mA,
OD
Interrupt Request Output. The interrupt request output is used to
interrupt a processor on the local bus. There are several sources of this
interrupt which are described in the Register Description Section.
USBOE#
27
I/O, 12mA,
S, TS, PU
USB Port Output Enable. When RESET# is not asserted, this is an
active low output that is asserted when the NET2890 is driving the
USB port data lines. It is intended for debugging purposes only. This
signal is not driven while the device is suspended, but will be pulled
high by the internal pull-up resistor. When RESET# is asserted, this
pin is an input. Driving a LOW level during RESET# holds the
NET2890 in a low-power mode by disabling the internal oscillator.
DEVCFG#
28
O, 12mA,
TP, PD
Device Configured. This active low output is true when the NET2890
has been configured by the USB host. This bit is initialized to inactive
(high) during reset and is controlled by the local CPU through the
MAINCTL configuration register. This signal is not driven while the
device is suspended, but will be pulled low by the internal pull-down
resistor. If DEVCFG# is not needed locally, this signal can be used as
a general output pin.
SUSP#
33
O, 12mA,
TP, PD
Device Suspended. This active low output is true when the NET2890
has been suspended by the USB host. This signal is not driven while
the device is suspended, but will be pulled low by the internal pull-
down resistor.
LCLK
16
O, 12mA,
TP, PD
Local Clock. This pin is a buffered clock output from either the
internal 48 MHz oscillator or the derived USB clock, depending on the
state of the “Local Clock Output” bits in the LOCALCTL
configuration register. This signal is not driven while the device is
suspended, but will be pulled low by the internal pull-down resistor.
When the internal oscillator is started, LCLK is prevented from being
driven for 2 msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com