Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 7Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 8Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
11
PKTLENLSB
•
Moved from Index register 5 to Base register 0Bh.
PKTLENMSB
•
Moved from Index register 6 to Base register 0Ch.
FIFOBASE
•
Register is obsolete.
FIFOSIZE
•
Register is obsolete. FIFOs are all fixed sizes.
FIFOCTL
•
Moved to Endpoint paged registers address 1Ch.
•
“Fifo Enable” bit, “Endpoint Select”bits are obsolete.
•
FIFO Valid Bit removed, moved to FIFOSTAT.
FIFOINTENB
•
Removed. Interrupt enables moved to EPIRQENB register.
FIFOSTAT
•
Moved to Endpoint registers address 1Eh.
•
“FIFO Valid” bit added, changed to Yes/SET with Auto-Clear feature.
•
FIFO Almost Full and Almost Empty interrupts moved to EPIRQSTAT register.
FIFOCNT
•
Moved to Endpoint paged registers address 1Ah.
EPRSPSET
•
“Zero-Length Packet Response” bit is obsolete.
•
“Endpoint Stall” and “Endpoint Toggle” bits have been swapped. See the description in
Section 5, Registers.
EPRSPCLR
•
“Zero-Length Packet Response” bit is obsolete.
•
“Endpoint Stall” and “Endpoint Toggle” bits have been swapped. See the description in
Section 5, Registers.
EPIRQENB
•
Bits have been re-arranged to simplify software. See Section 5, Registers.
EPUSBSTAT
•
Transmit Register Valid, Receive Register Valid bits are obsolete.
•
“Timeout” status bit and Short Packet Transferred added.
IRQENB2
•
FIFO interrupt enables moved to EPIRQENB register.
INDEX2
•
Removed.
MINDEX1
•
Removed.
MINDEX2
•
Removed.
DIAG
•
Added new index register to control diagnostic features.
EPnPKTSIZE
•
Added new maximum packet size registers (Index 10h to 19h).
FIFOETHRS
•
Renamed Fn_AETH. The FIFO almost empty threshold registers have been moved from
the Endpoint/FIFO registers to the index registers.
FIFOFTHRS
•
Renamed Fn_AFTH. The FIFO almost full threshold registers have been moved from the
Endpoint/FIFO registers to the index registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com