Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 60Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 61Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 62Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 63Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 64Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 65Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 66Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 67Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
64
7.3 DC Specifications
7.3.1 Core DC Specifications
Operating Conditions: VDDC: 3.3V ± 5%, TA = 0°C to 70°C
All typical values are at VDDC = 3.3V and TA = 25°C
Operating Conditions: Notes 1, 2, 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDC
VDDC Supply Current
VDDC = 3.3V
45
60
mA
IDDCS
VDDC Supply Current (Suspend)
Device suspended
1
10
µA
TJ
Junction temperature
Under bias
° C
7.3.2 USB Port DC Specifications
Operating Conditions: VDDC: 3.3V ± 5%, TA = 0°C to 70°C
All typical values are at VDDC = 3.3V and TA = 25°C
Operating Conditions: Notes 1,2.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDI
Differential Input Sensitivity
| (D+) - (D-) |
0.2
V
VCM
Differential Common Mode
Range
Includes VDI range
0.8
2.5
V
VSE
Single Ended Receiver Threshold
0.8
2.0
V
VOH
Static Output High
RL of 15 K
Ω to GND
2.8
3.6
V
VOL
Static Output Low
RL of 1.5 K
Ω to 3.6V
0.3
V
ILO
Hi-Z State Data Line Leakage
0V < VIN < 3.3V
-10
+10
µA
CIO
I/O Capacitance
Pin to GND
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com