Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2890 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 31Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 32Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 33Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
30
4.8 Local Bus
Data passes between the local bus and the USB through the appropriate endpoint’s FIFO. The local bus is
an 8-bit non-multiplexed bus, and is controlled with a simple set of interface signals. The NET2890 acts
only as a slave on the local bus. When the NET2890 is acting as a local bus slave, a CPU on the local bus
can access all of the internal configuration registers, as well as the FIFOs.
4.8.1 Maximum Throughput
Note that maximum USB throughput is 1.5 Mbytes/sec, so the local bus utilization for accessing the
NET2890 is very low. This allows a fast local CPU to perform many other operations during USB data
transfers.
4.8.1.1 CPU writes to FIFO
•
T1 (address setup) : 5
•
T3 (write strobe width) : 5
•
T7 (I/O recovery) : 64
•
Total = 74 ns
13.5 Mbytes/sec
•
If the address setup can be overlapped with the I/O recovery, then
Total = 69 ns
14.5 Mbytes/sec
4.8.1.2 CPU reads from FIFO
•
T1 (address setup) : 5
•
T4 (read access time) : 28
•
Target setup time: (assume 5 ns)
•
T7 (I/O recovery) : 42
•
Total = 80 ns
12.5 Mbytes/sec
•
If the address setup can be overlapped with the I/O recovery, then
Total = 75 ns
13.3 Mbytes/sec
4.8.1.3 DMA writes to FIFO
•
The maximum rate of DMA write transfers is determined by how quickly DACK# and IOW# are
asserted after DRQ. An internal state machine asserts DRQ on the rising edge of a 48MHz clock.
With a clock period of 20.8ns, a clock to output delay of 5ns on DRQ, and a 5ns setup time on
DACK# and IOW#, both DACK# and IOW# would have to be asserted within 10.8ns of DRQ in
order to be sampled on the next rising edge of the clock. Then DACK# and IOW# would both
need to be negated 25 nsec later to minimize the length of the cycle. If this could be accomplished,
the minimum cycle time would be 125ns yielding a burst rate of 8 Mbytes/sec.
4.8.1.4 DMA reads from FIFO
•
The maximum rate of DMA read transfers is the same as the maximum rate of DMA write
transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com